Part Number Hot Search : 
A5801069 C9S12 1N3316 MP1060 ST100 2SA1493 20U150 SEL4810A
Product Description
Full Text Search
 

To Download FDD8444 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FDD8444 N-Channel PowerTrench(R) MOSFET
December 2005
FDD8444
N-Channel PowerTrench(R) MOSFET
40V, 50A, 5.2m
Features
RDS(ON) = 4m (Typ), VGS = 10V, ID=50A Qg(10) = 89nC (Typ), VGS=10V Low Miller Charge Low Qrr Body Diode UIS Capability (Single Pulse/Repetitive Pulse) Qualified to AEC Q101 RoHS Compliant
A
REE I DF
Applications
Automotive Engine Control Powertrain Management Solenoid and Motor Drivers Electronic Transmission Distributed Power Architecture and VRMs Primary Switch for 12V Systems
M ENTATIO LE N MP
LE
D
G
S
(c)2005 Fairchild Semiconductor Corporation FDD8444 Rev A (W)
1
www.fairchildsemi.com
FDD8444 N-Channel PowerTrench(R) MOSFET
Absolute Maximum Ratings Tc = 25C unless otherwise noted
Symbol VDSS VGS ID EAS PD TJ, TSTG Parameter Drain to Source Voltage Gate to Source Voltage Drain Current Continuous (VGS=10v) (Note1) Continuous (VGS=10v,with RJA = 52oC/W) Pulsed Single Pulse Avalanche Energy (Note 2) Power Dissipation Derate above 25oC Operating and Storage Temperature Ratings 40 20 155 17.5 Figure 4 535 227 1.52 -55 to +175 mJ W W/oC
o
Units V V A A
C
Thermal Characteristics
RJC RJA Thermal Resistance, Junction-to-Case Thermal Resistance Junction to Ambient TO-252, 1in2 copper pad area 0.66 52
oC/W oC/W
Package Marking and Ordering Information
Device Marking FDD8444 Device FDD8444 Package TO-252AA Reel Size 13" Tape Width 12mm Quantity 2500 units
Electrical Characteristics TJ = 25C unless otherwise noted
Symbol Parameter Test Conditions Min Typ Max Units
Off Characteristics
BVDSS IDSS IGSS Drain to Source Breakdown Voltage Zero Gate Voltage Drain Current Gate to Source Leakage Current ID = 250A, VGS = 0V VDS = 32V VGS = 0V VGS = 20V TJ=150C 40 1 250 100 nA V A
On Characteristics
VGS(th) RDS(ON) Gate to Source Threshold Voltage Drain to Source On Resistance VDS = VGS, ID = 250A ID = 50A, VGS = 10V ID = 50A, VGS = 10V, TJ = 175C 2 2.5 4 7.2 4 5.2 9.4 m V
Dynamic Characteristics
CISS COSS CRSS RG Qg(TOT) Qg(5) Qg(TH) Qgs Qgs2 Qgd Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance Total Gate Charge at 10V Total Gate Charge at 5V Threshold Gate Charge Gate to Source Gate Charge Gate Charge Threshold to Plateau Gate to Drain "Miller" Charge VDS = 25V, VGS = 0V, f = 1MHz f = 1MHz VGS = 0 to 10V VGS = 0 to 5V VGS = 0 to 2V VDD = 20V ID = 50A Ig = 1.0mA 6195 585 332 1.9 89 43 11 23 11 20 8240 780 500 116 56 14.5 pF pF pF nC nC nC nC nC nC
2 FDD8444 Rev A (W)
www.fairchildsemi.com
FDD8444 N-Channel PowerTrench(R) MOSFET
Electrical Characteristics TJ = 25C unless otherwise noted
Symbol Parameter Test Conditions Min Typ Max Units
Switching Characteristics
t(on) td(on) tr td(off) tf toff Turn-On Time Turn-On Delay Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Turn-Off Time VDD = 20V, ID = 50A VGS = 10V, RGS = 2 12 78 48 15 135 95 ns ns ns ns ns ns
Drain-Source Diode Characteristics
VSD trr Qrr Source to Drain Diode Voltage Reverse Recovery Time Reverse Recovery Charge ISD=50A ISD=25A IF= 50A, dIF/dt=100A/s IF= 50A, dIF/dt=100A/s 1.25 1.0 51 59 V V ns nC
Notes: 1: Package current limitation is 50A. 2: Starting TJ = 25oC, L=0.67mH, IAS=40A
This product has been designed to meet the extreme test conditions and environment demanded by the automotive industry. For a copy of the requirements, see AEC Q101 at: http://www.aecouncil.com/ All Fairchild Semiconductor products are manufactured, assembled and tested under ISO9000 and QS9000 quality systems certification.
3 FDD8444 Rev A (W)
www.fairchildsemi.com
FDD8444 N-Channel PowerTrench(R) MOSFET
Typical Characteristics
1.2
POWER DISSIPATION MULIPLIER
180 160
ID, DRAIN CURRENT (A)
VGS=10V
1.0 0.8 0.6 0.4 0.2 0.0
140 120 100 80 60 40 20
CURRENT LIMITED BY PACKAGE
0
25
50
75
100
125
o
150
175
0
25
50
75
100
125
o
150
175
TC , CASE TEMPERATURE( C)
TC , CASE TEMPERATURE( C)
Figure 1. Normalized Power Dissipation vs Case Temperature
2
Figure 2. Maximum Continuous Drain Current vs Case Temperature
DUTY CYCLE - DESCENDING ORDER
1
Normalized Thermal Impedance, ZJC
D = 0.5 0.2 0.1 0.05 0.02 0.01
PDM
0.1
t1 t2 NOTES: DUTY FACTOR: D = t1/t2 PEAK TJ = PDM x ZJC x RJC + TC
SINGLE PULSE
0.01
10
-5
10
-4
10
-3
t, Rectangular Pulse Duration (s)
10
-2
10
-1
10
0
10
1
Figure 3. Normalized Maximum Transient Thermal Impedance
2000
1000
IDM, PEAK CURRENT (A)
TRANSCONDUCTANCE MAY LIMIT CURRENT IN THIS REGION
TC = 25oC FOR TEMPERATURES ABOVE 25oC DERATE PEAK CURRENT AS FOLLOWS: I = I25 175 - TC 150
VGS = 10V
100
SINGLE PULSE
10
10
-5
10
-4
10
-3
t, Rectangular Pulse Duration (s)
10
-2
10
-1
10
0
10
1
Figure 4. Peak Current Capability
4 FDD8444 Rev A (W)
www.fairchildsemi.com
FDD8444 N-Channel PowerTrench(R) MOSFET
Typical Characteristics
1000
10us
100
IAS, AVALANCHE CURRENT (A)
ID, DRAIN CURRENT (A)
100
100us
Starting TJ=25 C
O
10
CURRENT LIMITED BY PACKAGE
10
1ms 10ms DC
1
Starting TJ=150 C
If R = 0 tAV = (L)(IAS)/(1.3*RATED BVDSS - VDD) If R 0 tAV = (L/R)ln[(IAS*R)/(1.3*RATED BVDSS - VDD) +1]
O
0.1 1
OPERATION IN THIS SINGLE PULSE AREA MAY BE LIMITED BY RDS(ON) TJ = MAX RATED TC = 25oC
10
100
VDS, DRAIN-SOURCE VOLTAGE (V)
1 0.01
0.1 1 10 100 tAV, TIME IN AVALANCHE (ms)
1000
Figure 5. Forward Bias Safe Operating Area
NOTE: Refer to Fairchild Application Notes AN7514 and AN7515
Figure 6. Unclamped Inductive Switching Capability
100 PULSE DURATION=80s DUTY CYCLE=0.5% MAX
ID, DRAIN CURRENT (A)
100 VGS=10V 5.0V
PULSE DURATION =80S DUTY CYCLE =0.5% MAX
80 ID,DRAIN CURRENT(A)
VDD = 5V TJ = 175 C
O
80
60 TJ = 25 C
O
60
4.5V TJ=25 C 4.0V
O
40
40
20
20
TJ = - 55 C 0 2.0 2.5 3.0 3.5 4.0 4.5 5.0
0 0.0 0.3 0.6 0.9 1.2 1.5
O
VGS, GATE TO SOURCE VOLTAGE (V)
VDS, DRAIN TO SOURCE VOLTAGE (V)
Figure 7. Transfer Characteristics
12 11 RDS(ON), DRAIN TO SOURCE 10 ON-RESISTANCE (m) 9 8 7 6 5 4 4 TJ = 25 C 5 6 7 8 9 VGS, GATE TO SOURCE VOLTAGE (V) 10
O
Figure 8. Saturation Characteristics
1.8
NORMALIZED DRAIN TO SOURCE ON-RESISTANCE
ID=20A PULSE DURATION=80s DUTY CYCLE=0.5% MAX
1.6 1.4 1.2 1.0 0.8 0.6 -80
PULSE DURATION =80S DUTY CYCLE =0.5% MAX
TJ = 175 C
O
ID = 50A VGS = 10V
-40 0 40 80 120 160 o TJ, JUNCTION TEMPERATURE( C)
200
Figure 9. Drain to Source On-Resistance vs Gate to Source Voltage
Figure 10. Normalized Drain to Source On Resistance vs Junction Temperature
5 FDD8444 Rev A (W)
www.fairchildsemi.com
FDD8444 N-Channel PowerTrench(R) MOSFET
Typical Characteristics
1.2 1.1
NORMALIZED GATE THRESHOLD VOLTAGE
1.15 NORMALIZED DRAIN TO SOURCE BREAKDOWN VOLTAGE
VGS=VDS ID =250A
ID =250A
1.0 0.9 0.8 0.7 0.6 0.5 0.4 -80 -40 0 40 80 120 160 o TJ, JUNCTION TEMPERATURE( C) 200
1.10
1.05
1.00
0.95
0.90 -80
-40 0 40 80 120 160 o TJ, JUNCTION TEMPERATURE ( C)
200
Figure 11. Normalized Gate Threshold Voltage vs Junction Temperature
10000 CISS
CAPACITANCE (pF)
Figure 12. Normalized Drain to Source Breakdown Voltage vs Junction Temperature
10 VGS,GATE TO SOURCE VOLTAGE(V) 9 8 7 6 5 4 3 2 1 0 0 20 40 60 Qg,GATE CHARGE (nC) 80 100 VDD=20V VDD=25V ID=50A VDD=15V
f = 1MHz VGS = 0V COSS
1000
CRSS
100
0.1
1
10
40
VDS, DRAIN TO SOURCE VOLTAGE (V)
Figure 13. Capacitance vs Drain to Source Voltage
Figure 14. Gate Charge vs Gate to Source Voltage
6 FDD8444 Rev A (W)
www.fairchildsemi.com
FDD8444 N-Channel PowerTrench(R) MOSFET
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM ActiveArrayTM BottomlessTM Build it NowTM CoolFETTM CROSSVOLTTM DOMETM EcoSPARKTM E2CMOSTM EnSignaTM FACTTM FACT Quiet SeriesTM
FAST(R) FASTrTM FPSTM FRFETTM GlobalOptoisolatorTM GTOTM HiSeCTM I2CTM i-LoTM ImpliedDisconnectTM IntelliMAXTM
Across the board. Around the world.TM The Power Franchise(R) Programmable Active DroopTM DISCLAIMER
ISOPLANARTM LittleFETTM MICROCOUPLERTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM PACMANTM POPTM Power247TM PowerEdgeTM
PowerSaverTM PowerTrench(R) QFET(R) QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SerDesTM ScalarPumpTM SILENT SWITCHER(R) SMART STARTTM SPMTM StealthTM SuperFETTM SuperSOTTM-3
SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogic(R) TINYOPTOTM TruTranslationTM UHCTM UltraFET(R) UniFETTM VCXTM WireTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
Rev. I17
7 FDD8444 Rev A (W)
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of FDD8444

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X